データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NX8564LE811-CC データシート(PDF) 5 Page - California Eastern Labs

部品番号 NX8564LE811-CC
部品情報  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE811-CC データシート(HTML) 5 Page - California Eastern Labs

  NX8564LE811-CC Datasheet HTML 1Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 2Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 3Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 4Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 5Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 6Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 7Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 8Page - California Eastern Labs NX8564LE811-CC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NX8564/8565/8566LE SERIES
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (1/2)
Wavelength
Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
Wavelength
Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
795
1579.51
189.80
946
1594.64
188.00
803
1580.35
189.70
954
1595.48
187.90
811
1581.18
189.60
963
1596.33
187.80
820
1582.01
189.50
971
1597.18
187.70
828
1582.85
189.40
980
1598.04
187.60
836
1583.69
189.30
988
1598.89
187.50
845
1584.52
189.20
997
1599.74
187.40
853
1585.36
189.10
6006
1600.60
187.30
862
1586.20
189.00
6014
1601.45
187.20
870
1587.04
188.90
6023
1602.31
187.10
878
1587.88
188.80
6031
1603.16
187.00
887
1588.72
188.70
6040
1604.02
186.90
895
1589.56
188.60
6048
1604.88
186.80
904
1590.41
188.50
6057
1605.74
186.70
912
1591.25
188.40
6066
1606.60
186.60
921
1592.10
188.30
6074
1607.46
186.50
929
1592.94
188.20
6083
1608.32
186.40
937
1593.79
188.10
*1 The value which omitted and computed the 3rd place below the decimal point



Html Pages

1 2 3 4 5 6 7 8 9 10 11