| データシートサーチシステム |
|
AFV461F/HB データシート(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AFV461F/HB データシート(HTML) 1 Page - International Rectifier |
|
1 / 4 page ![]() 11/21/02 www.irf.com 1 ADVANCED ANALOG EMI FILTER AFV461 SERIES Description n 4.0 amp Input Current - max. n 40 dB Noise Reduction min. @100 KHz n -55°C to +125°C Operation n Military Screening n Compatible with all stanard 28 Volts Input DC/DC Converters Features AFV Typical Application n No Derating for -55°C to +125°C Operation n No Tantalum Capacitors for High Reliability AFV461 EMI Filter AHV28XX (or Other) DC/DC Converter +Vin +Vin Input Return Input Return +Vout +Vout Output Return Output Return R L R L System Bus AHV28XX (or Other) DC/DC Converter +Vout Output Return +Vin Input Return Case Case Case To other converters up to rated output current The AFV461 EMI filter will reduce the input line re- flected ripple current of all DC/DC converter families to levels below the CEO3 limits of MIL- STD-461. This filter is intended for applications requiring compatibil- ity to MIL-STD-704A. These EMI filters are manufactured in a facility certified to MIL-PRF-38534 and are available with military screening. Four grades are offered with different screen- ing options. Refer to Part Number section. PD - 94586A |
同様の部品番号 - AFV461F/HB |
|
同様の説明 - AFV461F/HB |