データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICM108B データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 ICM108B
部品情報  1.3 million pixel Color CMOS image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

ICM108B データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ICM108B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ICM108B 1.3 million pixel CMOS sensor
Data Sheet V 1.1 November, 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
11/22/2002
page 8
COMPANY CONFIDENTIAL
3. SIF Registers
Address
Name
Default
Description
0x00
PART_CONTROL
0
Processing control
[0] 0: normal video mode, 1: single frame mode
[1] Reserved
[2] Exposure time control, writing a 1 will
activate the new value set in
AD_EXPOSE_TIME, when read back from it, 0
means either the exposure time change is finished
(in video mode) or the entire frame is transmitted
(in single frame mode), 1 means either the
exposure time change is still in progress (in video
mode) or the frame is yet to finish (in single
frame mode)
[3] 0: normal mode, 1:sub-sampling mode
[6:4] Frame rate,
0: 30 fps
1: 15 fps
2: 10 fps
3: 5 fps
4: 4 fps
5: 3 fps
6: 2 fps
7: 1 fps
[7] Latent change, writing a 1 means the changed
latent registers now starts taking effect, when the
entire operation is done, the read back value of
this bit will change from 1 to 0.
0x01
0x02
TIMING_CONTROL_LOW
TIMING_CONTROL_HIGH
0x0011
Timing control
[0] Column count enable, set to 0 when filling
wave table, set to 1 when normal operation
[1] HSYNC polarity, 0: active low, 1: active high,
the initial value is determined by DOUT[5]
[2] VSYNC polarity, 0: active low, 1: active high,
the initial value is determined by DOUT[6]
[3] Auto dark correction enable
[4] Timing select, 0: wave table timing, 1: default
timing
[6] Flash polarity, 0: active low, 1: active high
[7] Blank polarity, 0: active low, 1: active high
[8] IRST select, 0: from wave table, 1: from
IRST_NUMBER register
[10] Capture: when in single frame mode, writing
a 1 here will start a frame capture
[12] Out-of-array exposure pointer control, 0:
point to row 1031, 1: point to row 1035 (a non-
existent row)
[13] Column stop, 0: sensor column counter stop
at 1289 when exceeding real array, 1: sensor
column counter keeps counting
0x0C
AD_WIDTHL
0x05DC
[10:0] Frame width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com