| データシートサーチシステム |
|
74ALVC08D データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVC08D データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 16 page ![]() 2003 May 16 3 Philips Semiconductors Product specification Quad 2-input AND gate 74ALVC08 ORDERING INFORMATION FUNCTION TABLE See note 1. Note 1. H = HIGH voltage level; L = LOW voltage level. TYPE NUMBER PACKAGE TEMPERATURE RANGE PINS PACKAGE MATERIAL CODE 74ALVC08D −40 to +85 °C 14 SO14 plastic SOT108-1 74ALVC08PW −40 to +85 °C 14 TSSOP14 plastic SOT402-1 74ALVC08BQ −40 to +85 °C 14 DHVQFN14 plastic SOT762-1 INPUT OUTPUT nA nB nY LLL LHL HL L HHH PINNING PIN SYMBOL DESCRIPTION 1 1A data input 2 1B data input 3 1Y data output 4 2A data input 5 2B data input 6 2Y data output 7 GND ground (0 V) 8 3Y data output 9 3A data input 10 3B data input 11 4Y data output 12 4A data input 13 4B data input 14 VCC supply voltage handbook, halfpage MNA220 08 1 2 3 4 5 6 7 8 14 13 12 11 10 9 1A 1B 1Y 2A 2B 2Y GND 3Y 3A 3B 4Y 4A 4B VCC Fig.1 Pin configuration SO14 and TSSOP14. |