| データシートサーチシステム |
|
K6R1016V1D-EC08/10 データシート(PDF) 4 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
K6R1016V1D-EC08/10 データシート(HTML) 4 Page - Samsung semiconductor |
|
4 / 9 page ![]() PRELIMINARY Rev. 3.0 - 4 - July 2004 PRELIMINARY K6R1004V1D CMOS SRAM for AT&T RECOMMENDED DC OPERATING CONDITIONS(TA=0 to 70°C) * VIL(Min) = -2.0V a.c (Pulse Width ≤ 8ns) for I ≤ 20mA. ** VIH(Max) = VCC + 2.0V a.c (Pulse Width ≤ 8ns) for I ≤ 20mA. Parameter Symbol Min Typ Max Unit Supply Voltage VCC 3.0 3.3 3.6 V Ground VSS 00 0 V Input High Voltage VIH 2.0 - VCC+0.3** V Input Low Voltage VIL -0.3* - 0.8 V CAPACITANCE*(TA=25°C, f=1.0MHz) * Capacitance is sampled and not 100% tested. Item Symbol Test Conditions TYP Max Unit Input/Output Capacitance CI/O VI/O=0V - 8 pF Input Capacitance CIN VIN=0V - 6 pF ABSOLUTE MAXIMUM RATINGS* * Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Parameter Symbol Rating Unit Voltage on Any Pin Relative to VSS VIN, VOUT -0.5 to 4.6 V Voltage on VCC Supply Relative to VSS VCC -0.5 to 4.6 V Power Dissipation Pd 1W Storage Temperature TSTG -65 to 150 °C Operating Temperature Commercial TA 0 to 70 °C Industrial TA -40 to 85 °C DC AND OPERATING CHARACTERISTICS*(TA=0 to 70°C, Vcc=3.3±0.3V, unless otherwise specified) * The above parameters are also guaranteed at industrial temperature range. Parameter Symbol Test Conditions Min Max Unit Input Leakage Current ILI VIN=VSS to VCC -2 2 µA Output Leakage Current ILO CS=VIH or OE=VIH or WE=VIL VOUT=VSS to VCC -2 2 µA Operating Current ICC Min. Cycle, 100% Duty CS=VIL, VIN=VIH or VIL, IOUT=0mA Com. 8ns - 80 mA 10ns - 65 Ind. 8ns - 90 10ns - 75 Standby Current ISB Min. Cycle, CS=VIH -20 mA ISB1 f=0MHz, CS ≥VCC-0.2V, VIN ≥VCC-0.2V or VIN≤0.2V -5 Output Low Voltage Level VOL IOL=8mA - 0.4 V Output High Voltage Level VOH IOH=-4mA 2.4 - V |