| データシートサーチシステム |
|
CS5463 データシート(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5463 データシート(HTML) 35 Page - Cirrus Logic |
|
35 / 44 page ![]() CS5463 DS678PP1 35 6.3 Page 3 Registers 6.3.1 Voltage Sag and Current Fault Duration Registers ( VSAGDuration , ISAGDuration ) Address: 6 (Voltage Sag Duration); 10 (Current Fault Duration) Default = 0x000000 Voltage Sag Duration (VSAGDuration) and Current Fault Duration (ISAGDuration) defines the number of instanta- neous measurements utilized to determine a sag event. Setting these register to zero will disable this feature. The value is represented in unsigned notation. See Section 5.6 Sag and Fault Detect Feature on page 19. 6.3.2 Voltage Sag and Current Fault Level Registers ( VSAGLevel , ISAGLevel ) Address: 7 ( Voltage Sag Level ); 11 (Current Fault Level ) Default = 0x000000 Voltage Sag Level (VSAGLevel) and Current Fault Level (ISAGLevel) defines the voltage level that the magnitude of input samples, averaged over the sag duration, must fall below in order to register a sag/fault condition. These value are represented in unsigned notation and in the range of 0 ≤ VSAGLevel < 1.0, with the binary point to the right of the third MSB. See Section 5.6 Sag and Fault Detect Feature on page 19. MSB LSB 0 222 221 220 219 218 217 216 ..... 26 25 24 23 22 21 20 MSB LSB 02-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |