データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS8920A データシート(PDF) 79 Page - Cirrus Logic

部品番号 CS8920A
部品情報  CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920A データシート(HTML) 79 Page - Cirrus Logic

Back Button CS8920A Datasheet HTML 75Page - Cirrus Logic CS8920A Datasheet HTML 76Page - Cirrus Logic CS8920A Datasheet HTML 77Page - Cirrus Logic CS8920A Datasheet HTML 78Page - Cirrus Logic CS8920A Datasheet HTML 79Page - Cirrus Logic CS8920A Datasheet HTML 80Page - Cirrus Logic CS8920A Datasheet HTML 81Page - Cirrus Logic CS8920A Datasheet HTML 82Page - Cirrus Logic CS8920A Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
DMA Channel Number (Read/Write)
Address: PacketPage base + 0374h
Address 0374h
DMA channel assignment:
05 = pins DRQ5 and DACK5
06 = pins DRQ6 and DACK6
07 = pins DRQ7 and DACK7
08 = All DRQ pins high-impedance
The DMA Channel register defines the DMA pins selected by the CS8920A. In the typical application, the follow-
ing bus signals are tied to the following pins:
Bus signal
Typical pin connection
DRQ5
DACK5
DRQ5
DACK5
DRQ6
DACK6
DRQ6
DACK6
DRQ7
DACK7
DRQ7
DACK7
After reset, if no EEPROM is found by the CS8920A, the register has 0000 effectively disabling DMA interface. If
an EEPROM is found, the register’s initial value may be set by the EEPROM.
XXXX XXXX XXXX 0000
CS8920A
DS238PP2
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More