| データシートサーチシステム |
|
CS44800-CQZ データシート(PDF) 2 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS44800-CQZ データシート(HTML) 2 Page - Cirrus Logic |
|
2 / 81 page ![]() 2 DS632PP1 CS44800 General Description The CS44800 is a multi-channel digital-to-PWM Class D audio system controller including interpolation, sample rate conversion, half- and full-bridge PWM driver outputs, and power supply rejection feedback in a 64-pin LQFP pack- age.The architecture uses a direct-to-digital approach that maintains digital signal integrity to the final output filter, minimizing analog interference effects which negatively affect system performance. The CS44800 integrates on-chip digital volume control, peak detect with limiter, de-emphasis, and 7 GPIO’s, allow- ing easy interfacing to many commonly available power stages. The PWM amplifier can achieve greater than 90% efficiency. This efficiency provides for smaller device package, less heat sink requirements, and smaller power supplies. The CS44800 is ideal for audio systems requiring wide dynamic range, negligible distortion and low noise, such as A/V receivers, DVD receivers, digital speaker and automotive audio systems. ORDERING INFORMATION Product Description Package Pb-Free Temp Range Container Order# CS44800 8-Channel Digital Amplifier Controller LQFP YES -10° to +70°C Rail CS44800-CQZ CS44800 8-Channel Digital Amplifier Controller LQFP YES -10° to +70°C Tape and Reel CS44800-CQZR CS44800 8-Channel Digital Amplifier Controller LQFP YES -40° to +85°C Rail CS44800-DQZ CS44800 8-Channel Digital Amplifier Controller LQFP YES -40° to +85°C Tape and Reel CS44800-DQZR CDB44800 CS44600/800 Evaluation Board - - - - CDB44800 CRD44800 8x50 W Half-Bridge Reference Design Board - - - - CRD44800 CRD44800-ST-FB 8x60 W Full-Bridge Reference Design Board - - - - CRD44800-ST-FB CRD44600-PH-FB 2x100 W Full-Bridge Reference Design Board - - - - CRD44600-PH-FB |