データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14541B データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC14541B
部品情報  Programmable Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14541B データシート(HTML) 3 Page - ON Semiconductor

  MC14541B Datasheet HTML 1Page - ON Semiconductor MC14541B Datasheet HTML 2Page - ON Semiconductor MC14541B Datasheet HTML 3Page - ON Semiconductor MC14541B Datasheet HTML 4Page - ON Semiconductor MC14541B Datasheet HTML 5Page - ON Semiconductor MC14541B Datasheet HTML 6Page - ON Semiconductor MC14541B Datasheet HTML 7Page - ON Semiconductor MC14541B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14541B
http://onsemi.com
3
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ (8.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay, Clock to Q (28 Output)
tPLH, tPHL = (1.7 ns/pF) CL + 3415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 1217 ns
tPLH, tPHL = (0.5 ns/pF) CL + 875 ns
tPLH
tPHL
5.0
10
15
3.5
1.25
0.9
10.5
3.8
2.9
µs
Propagation Delay, Clock to Q (216 Output)
tPHL, tPLH = (1.7 ns/pF) CL + 5915 ns
tPHL, tPLH = (0.66 ns/pF) CL + 3467 ns
tPHL, tPLH = (0.5 ns/pF) CL + 2475 ns
tPHL
tPLH
5.0
10
15
6.0
3.5
2.5
18
10
7.5
µs
Clock Pulse Width
tWH(cl)
5.0
10
15
900
300
225
300
100
85
ns
Clock Pulse Frequency (50% Duty Cycle)
fcl
5.0
10
15
1.5
4.0
6.0
0.75
2.0
3.0
MHz
MR Pulse Width
tWH(R)
5.0
10
15
900
300
225
300
100
85
ns
Master Reset Removal Time
trem
5.0
10
15
420
200
200
210
100
100
ns
7. The formulas given are for the typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit
and Waveform
Figure 2. Switching Time Test Circuit
and Waveforms
PULSE
GENERATOR
VDD
CL
Q
RS
AR
Q/Q SELECT
MODE
A
B
MR
VSS
20 ns
20 ns
90%
50%
10%
50%
DUTY CYCLE
(Rtc AND Ctc OUTPUTS ARE LEFT OPEN)
PULSE
GENERATOR
VDD
RS
AR
Q/Q SELECT
MODE
A
B
MR
VSS
CL
Q
20 ns
90%
50%
20 ns
10%
RS
Q
tPLH
50%
90%
50%
10%
50%
tTLH
tTHL
tPHL



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com