| データシートサーチシステム |
|
IM00NS データシート(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
IM00NS データシート(HTML) 3 Page - Tyco Electronics |
|
3 / 10 page ![]() 3 IM Relay THT Version Mounting hole layout View onto the component side of the PCB (top view) Terminal assignment Relay - top view Non-latching type, not energized condition Dimensions IM THT IM THT IM SMT IM SMT Standard Narrow Gull Wings J-Legs mm inch mm inch mm inch L 10 ±0.08 0.393 ±0.003 10 ±0.08 0.393 ±0.003 10 ±0.08 0.393 ±0.003 10 ±0.08 0.393 ±0.003 W6 ±0.08 0.236 ±0.003 5.7 ±0.3 0.224 ±0.012 6 ±0.08 0.236 ±0.003 6 ±0.08 0.236 ±0.003 H 5.65 -0.2 0.222 -0.008 5.85 -0.15 0.230 -0.006 5.65 -0.2 0.222 -0.008 5.65 -0.2 0.222 -0.008 T 3.2 0.125 3.2 0.125 N/A N/A N/A N/A T1 N/A N/A N/A N/A 7.5 ±0.3 0.295 ±0.011 2.8 ±0.2 0.110 ±0.007 T2 5.08±0.1 0.200 ±0.004 3.2±0.1 0.126 ±0.006 5.08 ±0.1 0.200 ±0.004 5.08 ±0.1 0.200 ±0.004 D1 3.2 ±0.15 0.126 ±0.006 3.2 ±0.15 0.126 ±0.006 3.2 ±0.15 0.126 ±0.006 3.2 ±0.15 0.126 ±0.006 D2 2.2 ±0.15 0.087 ±0.006 2.2 ±0.15 0.087 ±0.006 2.2 ±0.15 0.087 ±0.006 2.2 ±0.15 0.087 ±0.006 Tw 0.4 0.015 0.4 0.015 0.4 0.015 0.4 0.015 S 0.3 ±0.05 0.011 ±0.002 0.3 ±0.05 0.011 ±0.002 N/A N/A N/A N/A SMT Version Gull Wings J Legs Solder pad layout View onto the component side of the PCB (top view) Gull Wings J Legs Ø min. 0.75 Latching type, 1 coil reset condition Standard version Narrow version Standard version Narrow version |