データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC852T データシート(PDF) 73 Page - Freescale Semiconductor, Inc

部品番号 MPC852T
部品情報  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T データシート(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
73
Mechanical Data and Ordering Information
PB25
SMTXD1
J15
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PB24
SMRXD1
J17
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PB15
BRGO3
M17
Bidirectional
(5 V-tolerant)
PC15
DREQ0
D17
Bidirectional
(5 V-tolerant)
PC13
RTS3
F15
Bidirectional
(5 V-tolerant)
PC12
RTS4
F16
Bidirectional
(5 V-tolerant)
PC7
CTS3
K15
Bidirectional
(5 V-tolerant)
PC6
CD3
L16
Bidirectional
(5 V-tolerant)
PC5
CTS4
SDACK1
K14
Bidirectional
(5 V-tolerant)
PC4
CD4
M15
Bidirectional
(5 V-tolerant)
PD15
MII_RXD3
N15
Bidirectional
(5 V-tolerant)
PD14
MII_RXD2
P17
Bidirectional
(5 V-tolerant)
PD13
MII_RXD1
L14
Bidirectional
(5 V-tolerant)
PD12
MII_MDC
P16
Bidirectional
(5 V-tolerant)
PD11
RXD3
MII_TX_ER
R17
Bidirectional
(5 V-tolerant)
PD10
TXD3
MII_RXD0
T16
Bidirectional
(5 V-tolerant)
Table 31. Pin Assignments - non-JEDEC (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80