| データシートサーチシステム |
|
FUSB090F データシート(PDF) 4 Page - Fuzetec Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
FUSB090F データシート(HTML) 4 Page - Fuzetec Technology Co., Ltd. |
|
4 / 4 page ![]() FUZETEC TECHNOLOGY CO., LTD. NO. PQ05-101E Product Specification and Approval Sheet Version 7 Page 4/4 NOTE : Specification subject to change without notice. 2014/9/1 8. Part Numbering and Marking System Part Numbering System Part Marking System F U S B □ □ □ F Current Rating Example Note: Font on Marking may look slightly different due to fine turnings of each Marking printer. Warning: -Operation beyond the specified maximum ratings or improper use may result in damage and possible electrical arcing and/or flame. -PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent condition and/or prolonged trip are not anticipated. - Avoid contact of PPTC device with chemical solvent. Prolonged contact will damage the device performance. F UB155F 33AB F Fuzetec Logo UB □ □ □ F Product Family □ □ □ □ Date Code/Lot Number Part Identification RoHS Compliant / Lead Free RoHS Compliant / Lead Free |