データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSC8002 データシート(PDF) 1 Page - Micrel Semiconductor

部品番号 DSC8002
部品情報  Programmable Low-Power CMOS Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC8002 データシート(HTML) 1 Page - Micrel Semiconductor

  DSC8002 Datasheet HTML 1Page - Micrel Semiconductor DSC8002 Datasheet HTML 2Page - Micrel Semiconductor DSC8002 Datasheet HTML 3Page - Micrel Semiconductor DSC8002 Datasheet HTML 4Page - Micrel Semiconductor DSC8002 Datasheet HTML 5Page - Micrel Semiconductor DSC8002 Datasheet HTML 6Page - Micrel Semiconductor DSC8002 Datasheet HTML 7Page - Micrel Semiconductor DSC8002 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All Rights Reserved. No part of this document may be copied or reproduced in any form without the prior written permission of Micrel, Inc. Micrel Inc. may update or make changes
to the contents, products, programs or services described at any time without notice. This document neither states nor implies any kind of warranty, including, but not limited to
implied warranties of merchantability or fitness for a particular use.
Page 1 |
DSC8002 Series
1.8 to 3.3V
Programmable Low-Power CMOS Oscillator
MK-Q-B-P-D-031809-06-6
General Description
The DSC8002 is a programmable MEMS based
PureSilicon™ Oscillator. Using the DragonFly™
or TimeFlash™ handheld programmer, the end
user can program the DSC8002 within seconds
to any frequency from 1 to 150MHz in
increments of 100Hz (up to four decimal point
resolution).
The nominal operational range
spans from 1.8 to 3.3 Volts, without any need
for additional external components, providing
ease of use and flexibility in multi-voltage
applications.
The
DSC8002
incorporates
an
all
silicon
resonator that is extremely robust and nearly
immune to stress related fractures, common to
crystal based oscillators. Without sacrificing the
performance and stability required of today’s
systems, a crystal-less design allows for a
higher level of reliability, making the DSC8002
ideal for rugged, industrial, and portable
applications where stress, shock, and vibration
can damage quartz crystal based systems.
Available in industry standard packages, the
DSC8002 can be “dropped-in” to the same PCB
footprint as standard crystal oscillators.
Block Diagram
Standby#
PFD
VCO
Frac-N
PLL
Resonator
Output
V
DD
GND
(pin1)
Standby#
PFD
VCO
Frac-N
PFD
VCO
Frac-N
PLL
Resonator
Output
V
DD
GND
(pin1)
Features
Frequency Range: 1 to 150MHz
Exceptional Stability over Temperature
o
±25 PPM, ±50 PPM
Operating voltage
o
1.8 to 3.3V (nominal)
o
1.65 to 3.60V (absolute max)
Operating Temperature Range
o
Industrial -40ºC to 85ºC
o
Ext. Commercial -20ºC to 70ºC
o
Commercial 0ºC to 70ºC
Low Operating and Standby Current
o
3mA Operating (40MHz)
o
1uA Standby
Ultra Miniature Footprint
o
2.5 x 2.0 x 0.85 mm
o
3.2 x 2.5 x 0.85 mm
o
5.0 x 3.2 x 0.85 mm
o
7.0 x 5.0 x 0.85 mm
Excellent shock and Vibration
Resistance
Lead Free, RoHS & Reach SVHC
Compliant
Handheld programmer available for
purchase
Benefits
Pin for pin “drop in” replacement for
industry standard oscillators
Semiconductor level reliability,
significantly higher than quartz
Frequency Resolution to 4 decimals
Fully Programmable Operating Voltage
and Frequency
Longer Battery Life / Reduced Power
Compact Plastic package
Cost Effective
Applications
Mobile Applications
Consumer Electronics
Portable Electronics
CCD Clock for VTR Cameras
Low Profile Applications
Industrial


同様の部品番号 - DSC8002

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
DSC8001AC1-T MICREL-DSC8001AC1-T Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
DSC8001AC2-T MICREL-DSC8001AC2-T Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
DSC8001AC5-T MICREL-DSC8001AC5-T Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
DSC8001AE1-T MICREL-DSC8001AE1-T Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
More results

同様の説明 - DSC8002

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
Programmable CMOS Clock Oscillator
logo
Micrel Semiconductor
DSC1028 MICREL-DSC1028 Datasheet
819Kb / 7P
Low-Power CMOS Oscillator
logo
SiTime Corp.
SIT8008B SITIME-SIT8008B Datasheet
1Mb / 17P
Low Power Programmable Oscillator
logo
Micrel Semiconductor
DSC8001 MICREL-DSC8001 Datasheet
611Kb / 8P
Programmable Low-Power Precision CMOS Oscillator
DSC8003 MICREL-DSC8003 Datasheet
546Kb / 7P
Programmable Low-Power Precision CMOS Oscillator
logo
SiTime Corp.
SIT8008 SITIME-SIT8008 Datasheet
335Kb / 12P
Low Power Programmable Oscillator
logo
Micrel Semiconductor
DSC2110 MICREL-DSC2110 Datasheet
565Kb / 6P
Low-Jitter I2C/SPI Programmable CMOS Oscillator
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
Programmable Low-Jitter Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com