| データシートサーチシステム |
|
DSC1102AI2-T データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1102AI2-T データシート(HTML) 17 Page - Microchip Technology |
|
17 / 28 page ![]() B A 0.20 C 0.20 C 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 12 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 12 N 0.10 C A B 0.10 C A B 0.10 C Microchip Technology Drawing C04-1010A Sheet 1 of 2 2X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 6-Lead Very Thin Plastic Quad Flat, No Lead Package (H8A) - 7x5 mm Body [VDFN] With 2.8x1.8 mm Exposed Pad D E e 6X b D2 E2 6X L (K) A A1 0.08 C 6X 2019 Microchip Technology Inc. DS20006254A-page 17 DSC1102/22 |