| データシートサーチシステム |
|
DSC1102CL2-T データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1102CL2-T データシート(HTML) 7 Page - Microchip Technology |
|
7 / 28 page ![]() 2019 Microchip Technology Inc. DS20006254A-page 7 DSC1102/22 3.2 Typical Termination Scheme VDD R1 2 34 5 6 R3 R2 R4 VDD FIGURE 3-4: Typical Termination Scheme. The values for R1, R2, R3, and R4 in the termination scheme depend on what VDD is used. Table 3-1 lists the recommended values for each resistor depending on VDD. TABLE 3-1: RECOMMENDED RESISTOR VALUES VDD R1, R3 R2, R4 3.3V 130Ω 82Ω 2.5V 249Ω 62Ω 3.3 Test Circuit FIGURE 3-5: Test Circuit. |