データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX58100LT データシート(PDF) 56 Page - ASIX Electronics Corporation

部品番号 AX58100LT
部品情報  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASIX [ASIX Electronics Corporation]
ホームページ  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100LT データシート(HTML) 56 Page - ASIX Electronics Corporation

Back Button AX58100LT Datasheet HTML 52Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 53Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 54Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 55Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 56Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 57Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 58Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 59Page - ASIX Electronics Corporation AX58100LT Datasheet HTML 60Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
56
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Figure 4-25: PDI Local Bus Sequence of two write accesses and a read access
Note: The first write access to ADR1 is performed after the first rising edge of WR. After that, the ESC is internally busy writing
to ADR1. After CS is deasserted, BUSY is not driven any more, nevertheless, the ESC is still writing to ADR1.
Hence, the second write access to ADR2 is delayed because the write access to ADR1 has to be completed first. So, the second
rising edge of WR must not occur before BUSY is gone. After the second rising edge of WR, the ESC is busy writing to ADR2.
This is reflected with the BUSY signal as long as CS is asserted.
The third access in this example is a read access. The ESC is still busy writing to ADR2 while the falling edge of RD occurs. In
this case, the write access to ADR2 is finished first, and afterwards, the read access to ADR3 is performed. The ESC signals
BUSY during both write and read access
Figure 4-26: PDI Local Bus Write access (write after falling edge LWRn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71