| データシートサーチシステム |
|
AX58200BT データシート(PDF) 97 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200BT データシート(HTML) 97 Page - ASIX Electronics Corporation |
|
97 / 180 page ![]() 97 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC OP Amplifier (OPA) 2.41.1 Overview This device is equipped with three operational amplifiers. Users can enable each of them individually, by their application purpose. One of these OP amplifier outputs is connected to ADC channel for measurement requirement. The OP amplifier circuit also can be used in the application of Programmable Gain Amplifier (PGA). 2.41.2 Features ⚫ Analog input voltage range: 0~VDD. ⚫ Supports up to 3 operator amplifiers. ⚫ Supports to use Schmitt trigger buffer output for simple comparator function. ⚫ Supports to Schmitt trigger buffer output interrupts. |