| データシートサーチシステム |
|
DSA6301MA3JB-T データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSA6301MA3JB-T データシート(HTML) 19 Page - Microchip Technology |
|
19 / 26 page ![]() Microchip Technology Drawing C04-1202A Sheet 2 of 2 REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M 4-Lead Very Thin Land Grid Array (AUA) - 2.5x2.0 mm Body [VLGA] For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Number of Terminals Overall Height Overall Width Terminal Length Substrate Thickness (with Terminals) Terminal Pitch Standoff Units Dimension Limits A1 A A3 e L E N 1.65 BSC 0.20 REF 0.60 0.79 0.00 0.65 0.84 0.02 2.00 BSC MILLIMETERS MIN NOM 4 0.70 0.89 0.05 MAX CH 0.225 -- Terminal 1 Index Chamfer Overall Length D 2.50 BSC b1 0.60 0.65 0.70 Terminal Width Terminal Pitch e1 1.25 BSC 2019 Microchip Technology Inc. DS20006189A-page 19 DSA63XX |