| データシートサーチシステム |
|
DSA6352ML3JB-T データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSA6352ML3JB-T データシート(HTML) 11 Page - Microchip Technology |
|
11 / 26 page ![]() 2019 Microchip Technology Inc. DS20006189A-page 11 DSA63XX 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 4-Lead VLGA* 2.5 x 2.0 Example Example XXXXXXX XXXYYWW SSS 0400000 DCP1834 287 4-Lead VFLGA* 2.0 x 1.6/1.6 x 1.2 XXXX SSS 011H 502 Legend: XX...X Product code or customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) SSS Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. ●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark). Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Package may or may not include the corporate logo. Underbar (_) and/or Overbar (‾) symbol may not be to scale. 3 e 3 e |