データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSA6331MI3JB-T データシート(PDF) 19 Page - Microchip Technology

部品番号 DSA6331MI3JB-T
部品情報  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331MI3JB-T データシート(HTML) 19 Page - Microchip Technology

Back Button DSA6331MI3JB-T Datasheet HTML 15Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 16Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 17Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 18Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 19Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 20Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 21Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 22Page - Microchip Technology DSA6331MI3JB-T Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Microchip Technology Drawing C04-1202A Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
4-Lead Very Thin Land Grid Array (AUA) - 2.5x2.0 mm Body [VLGA]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Overall Width
Terminal Length
Substrate Thickness (with Terminals)
Terminal Pitch
Standoff
Units
Dimension Limits
A1
A
A3
e
L
E
N
1.65 BSC
0.20 REF
0.60
0.79
0.00
0.65
0.84
0.02
2.00 BSC
MILLIMETERS
MIN
NOM
4
0.70
0.89
0.05
MAX
CH
0.225
--
Terminal 1 Index Chamfer
Overall Length
D
2.50 BSC
b1
0.60
0.65
0.70
Terminal Width
Terminal Pitch
e1
1.25 BSC
 2019 Microchip Technology Inc.
DS20006189A-page 19
DSA63XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26