| データシートサーチシステム |
|
STF724 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF724 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() Rev 1 October 2005 1/10 10 Features ■ SURFACE MOUNTING DEVICES IN MEDIUM POWER SOT-223 AND SOT-89 PACKAGE ■ AVAILABLE IN TAPE & REEL PACKING ■ IN COMPLIANCE WITH THE 2002/93/EC EUROPEAN DIRECTIVE Applications ■ VOLTAGE REGULATION ■ RELAY DRIVER ■ GENERIC SWITCH Description The STF724 and STN724 are PNP transistors manufactured using planar Technology resulting in rugged high performance devices. Order codes Internal Schematic Diagram SOT-223 SOT-89 1 2 2 3 Part Number Marking Package Packing STF724 724 SOT-89 Tape & reel STN724 N724 SOT-223 Tape & reel STF724 STN724 NPN MEDIUM POWER TRANSISTORS www.st.com |
同様の部品番号 - STF724 |
|
同様の説明 - STF724 |