| データシートサーチシステム |
|
TMPA1004S-R36MN-D データシート(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
TMPA1004S-R36MN-D データシート(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd. |
|
2 / 4 page ![]() TAI-TECH 5. Specification Part Number Inductance L0 A(uH) ±20% Heat Rating Current DC I rms ( A ) Saturation Current DC I sat ( A ) DCR (mΩ)Typ DCR (mΩ)Max E(mm) ± 0.3 Type Typ Max Typ Max TMPA1004S-R15YN-D 0.15±30% 44.0 38.0 82.0 75.0 0.5 0.6 3.0 non-leadframe TMPA1004S-R22MN-D 0.22 36.0 33.0 70.0 60.0 0.72 0.83 3.0 non-leadframe TMPA1004S-R36MN-D 0.36 33.0 29.0 51.0 45.0 1.05 1.18 3.0 non-leadframe TMPA1004S-R42MN-D 0.42 32.5 28.5 50.0 42.0 1.15 1.3 3.0 non-leadframe TMPA1004S-R47MN-D 0.47 32.0 28.0 46.0 40.0 1.3 1.5 3.0 non-leadframe TMPA1004S-R56MN-D 0.56 25.0 23.0 34.0 29.0 1.6 1.8 2.5 non-leadframe TMPA1004S-R68MN-D 0.68 23.0 20.0 31.0 28.0 1.9 2.2 2.5 non-leadframe TMPA1004S-1R0MN-D 1.00 20.0 18.0 29.0 26.0 2.9 3.25 2.5 non-leadframe TMPA1004S-1R5MN-D 1.50 17.5 16.0 26.0 22.0 3.7 4.2 2.5 non-leadframe TMPA1004S-1R8MN-D 1.80 16.5 15.0 23.0 20.5 5.1 5.7 3.0 leadframe TMPA1004S-2R0MN-D 2.00 16.0 14.5 21.0 18.0 5.3 6.1 3.0 leadframe TMPA1004S-2R2MN-D 2.20 15.0 13.0 20.0 16.0 5.8 6.7 3.0 leadframe TMPA1004S-3R3MN-D 3.30 11.0 10.0 17.5 14.0 10.5 11.8 3.0 leadframe TMPA1004S-4R7MN-D 4.70 8.8 8.0 15.2 13.0 15.8 19 3.0 leadframe TMPA1004S-5R6MN-D 5.60 8.0 7.2 14.1 11.5 19 22.8 3.0 leadframe TMPA1004S-6R8MN-D 6.80 7.8 6.8 12.2 11.0 22 24.5 3.0 leadframe TMPA1004S-8R2MN-D 8.20 7.6 6.5 9.5 8.5 25 28 3.0 leadframe TMPA1004S-100MN-D 10.0 7.5 6.1 8.6 7.5 27 30 3.0 leadframe TMPA1004S-150MN-D 15.0 6.25 5.0 7.0 6.0 41 45 3.0 leadframe TMPA1004S-220MN-D 22.0 5.0 4.1 6.2 5.5 58 66 3.0 leadframe TMPA1004S-330MN-D 33.0 4.4 3.5 5.5 5.0 84 91 3.0 leadframe TMPA1004S-470MN-D 47.0 3.5 3.0 4.0 3.7 125 143 3.0 leadframe TMPA1004S-680MN-D 68.0 2.6 2.4 3.2 3.0 184 210 3.0 leadframe TMPA1004S-820MN-D 82.0 2.3 2.1 3.0 2.8 240 270 3.0 leadframe TMPA1004S-101MN-D 100 2.0 1.8 2.7 2.4 270 310 3.0 leadframe Note: 1. Test frequency : Ls : 100KHz /1.0V. 2. All test data referenced to 25℃ ambient. 3. Testing Instrument(or equ) : L: HP4284A,CH11025,CH3302,CH1320,CH1320S LCR METER / Rdc:CH16502,Agilent33420A MICRO OHMMETER. 4. Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃ 5. Saturation Current (Isat) will cause L0 to drop approximately 30%. 6. The part temperature (ambient + temp rise) should not exceed 125℃under worst case operating conditions.Circuit design,component,PCB trace size and thickness,airflow and other cooling provisions all affect the part temperature. Part temperature should be verified in the end application. 7. Special inquiries besides the above common used types can be met on your requirement. |