データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV8227 データシート(PDF) 42 Page - STMicroelectronics

部品番号 STV8227
部品情報  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8227 データシート(HTML) 42 Page - STMicroelectronics

Back Button STV8227 Datasheet HTML 38Page - STMicroelectronics STV8227 Datasheet HTML 39Page - STMicroelectronics STV8227 Datasheet HTML 40Page - STMicroelectronics STV8227 Datasheet HTML 41Page - STMicroelectronics STV8227 Datasheet HTML 42Page - STMicroelectronics STV8227 Datasheet HTML 43Page - STMicroelectronics STV8227 Datasheet HTML 44Page - STMicroelectronics STV8227 Datasheet HTML 45Page - STMicroelectronics STV8227 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 149 page
background image
S/PDIF Input/Output
STV82x7
42/149
7
S/PDIF Input/Output
An S/PDIF output is available for connection with an external decoder/amplifier. An internal
multiplexer allows selection of either the internal signal or the external signal connected on the
SPDIF input (for example, the signal provided by the external MPEG audio / Dolby Digital decoder).
The outputted internal signal can be selected from:
● L/R
● C/Sub
● HP or Surround
● SCART.
A mute facility is also provided on the SPDIF output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More