データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A6801SEP-T データシート(PDF) 9 Page - Allegro MicroSystems

部品番号 A6801SEP-T
部品情報  DABiC-5 Latched Sink Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6801SEP-T データシート(HTML) 9 Page - Allegro MicroSystems

Back Button A6801SEP-T Datasheet HTML 4Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 5Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 6Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 7Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 8Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 9Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 10Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 11Page - Allegro MicroSystems A6801SEP-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6800/A6801
DABiC-5 Latched Sink Drivers
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative.
3. Lead thickness is measured at seating plane or below.
22
12
3
11
9.65
8.39
5.33
MAX
0.070
0.030
28.44
26.67
0.39
MIN
0.558
0.356
2.54
BSC
0.13
MIN
4.06
2.93
0.381
0.204
10.16
BSC
Dwg. MA-002-22 mm
12.70
MAX
12
22
12
3
11
0.380
0.330
0.210
MAX
0.070
0.030
0.015
MIN
0.022
0.014
0.100
BSC
0.005
MIN
0.160
0.115
0.015
0.008
0.400
BSC
Dwg. MA-002-22 in
0.500
MAX
12
1.120
1.050
A6801SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12