| データシートサーチシステム |
|
A6801SEP データシート(PDF) 2 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A6801SEP データシート(HTML) 2 Page - Allegro MicroSystems |
|
2 / 12 page ![]() 2 Worcester, Massachusetts 01615-0036 (508) 853-5000 115 Northeast Cutoff, Box 15036 www.allegromicro.com A6800/A6801 DABiC-5 Latched Sink Drivers Functional Block Diagram C OMMON GR OUND ST R OB E OUT P UT E NAB LE IN N C OMMON MOS C ONT R OL T Y P IC AL MOS LAT C H T Y P IC AL B IP OLAR DR IV E OUT N CLE AR S UPPLY V DD Typical Input Circuit IN V DD Allowable Power Dissipation 50 75 100 125 150 2.5 0.5 0 AMB IE NT T E MP E R A TUR E (º C ) 2.0 1.5 1.0 25 22-P IN DIP , R θJA =56 °C/W 28-LE AD P LCC, R θJA =68 °C/W 14-P IN DIP , R θJA =73 °C/W 14-LE AD S OIC , R θJA =120 °C/W 24-LE AD S OIC , R θJA =85 °C/W |