データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACS755XCB-050 データシート(PDF) 7 Page - Allegro MicroSystems

部品番号 ACS755XCB-050
部品情報  Current Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS755XCB-050 データシート(HTML) 7 Page - Allegro MicroSystems

Back Button ACS755XCB-050 Datasheet HTML 2Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 3Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 4Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 5Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 6Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 7Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 8Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 9Page - Allegro MicroSystems ACS755XCB-050 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS755050-DS, Rev. 2
Current Sensor: ACS755xCB-050
Definitions of Dynamic Response Characteristics
Propagation delay (tPROP): The time required for the sensor output to reflect a change in the primary current
signal. Propagation delay is attributed to inductive loading within the linear IC package, as well as in the induc-
tive loop formed by the primary conductor geometry. Propagation delay can be considered as a fixed time offset
and may be compensated.
Response time (tRESPONSE): The time interval between a) when the primary current signal reaches 90% of its
final value, and b) when the sensor reaches 90% of its output corresponding to the applied current.
Rise time (tr): The time interval between a) when the sensor reaches 10% of its full scale value, and b) when
it reaches 90% of its full scale value. The rise time to a step response is used to derive the bandwidth of the
current sensor, in which ƒ(–3 dB) = 0.35 / tr. Both tr and tRESPONSE are detrimentally affected by eddy current
losses observed in the conductive IC ground plane and, to varying degrees, in the ferrous flux concentrator
within the current sensor package.
Primary Current
Transducer Output
90
0
I (%)
Propagation Time, t
PROP
t
Primary Current
Transducer Output
90
0
I (%)
Response Time, tRESPONSE
t
Primary Current
Transducer Output
90
10
0
I (%)
Rise Time, tr
t



Html Pages

1 2 3 4 5 6 7 8 9 10