データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MM54HC85 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 MM54HC85
部品情報  4-Bit Magnitude Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC85 データシート(HTML) 1 Page - National Semiconductor (TI)

  MM54HC85 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC85 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC85 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC85 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC85 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC85 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5205
November 1995
MM54HC85MM74HC85
4-Bit Magnitude Comparator
General Description
The MM54HC85MM74HC85 is a 4-bit magnitude compara-
tor that utilizes advanced silicon-gate CMOS technology It
is designed for high speed comparison of two four bit words
This circuit has eight comparison inputs 4 for each word
three cascade inputs (AkB AlB AeB) and three deci-
sion outputs (AkB AlB AeB) The result of a comparison
is indicated by a high level on one of the decision outputs
Thus it may be determined whether one word is ‘‘greater
than’’ ‘‘less than’’ or ‘‘equal to’’ the other word By con-
necting the outputs of the least significant stage to the cas-
cade inputs of the next stage words of greater than four bits
can be compared In addition the least significant stage
must have a high level applied to the AeB input and a low
level to the AkB and AlB inputs
The comparator’s outputs can drive 10 low power Schottky
TTL (LS-TTL) equivalent loads and is functionally and pin
equivalent to the 54LS8574LS85 All inputs are protected
from damage due to static discharge by diodes to VCC and
ground
Features
Y
Typical propagation delay 27 ns
Y
Wide operating voltage range 2 – 6V
Y
Low input current 1 mA maximum
Y
Low quiescent current 80 mA maximum (74HC Series)
Y
Output drive capability 10 LS-TTL loads
Connection Diagram
Dual-In-Line Package
TLF5205 – 1
Order Number MM54HC85 or MM74HC85
Truth Table
Comparing
Cascading
Outputs
Inputs
Inputs
A3 B3
A2 B2
A1 B1
A0 B0
A l BA k BA e BA l BA k BA e B
A3 l B3
X
X
X
X
X
X
H
L
L
A3 k B3
X
X
X
X
X
X
L
H
L
A3 e B3
A2 l B2
X
X
X
X
X
H
L
L
A3 e B3
A2 k B2
X
X
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 l B1
X
X
X
X
H
L
L
A3 e B3
A2 e B2
A1 k B1
X
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 l B0
X
X
X
H
L
L
A3 e B3
A2 e B2
A1 e B1
A0 k B0
X
X
X
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
H
L
L
H
L
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
L
H
L
L
H
L
A3 e B3
A2 e B2
A1 e B1
A0 e B0
X
X
HL
LH
A3 e B3
A2 e B2
A1 e B1
A0 e B0
H
H
LL
LL
A3 e B3
A2 e B2
A1 e B1
A0 e B0
L
L
LH
HL
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


同様の部品番号 - MM54HC85

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
MM54HC02 NSC-MM54HC02 Datasheet
102Kb / 4P
Quad 2-Input NOR Gate
MM54HC03 NSC-MM54HC03 Datasheet
132Kb / 4P
Open Drain NAND Gate
MM54HC03J NSC-MM54HC03J Datasheet
132Kb / 4P
Open Drain NAND Gate
MM54HC05 NSC-MM54HC05 Datasheet
105Kb / 4P
Hex Inverter (Open Drain)
MM54HC107 NSC-MM54HC107 Datasheet
130Kb / 6P
MM54HC107/MM74HC107 Dual J-K Flip-Flops with Clear
More results

同様の説明 - MM54HC85

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com