| データシートサーチシステム |
|
ATS651LSHTN-T データシート(PDF) 6 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS651LSHTN-T データシート(HTML) 6 Page - Allegro MicroSystems |
|
6 / 12 page ![]() 6 651LSH-DS Worcester, Massachusetts 01615-0036 (508) 853-5000 115 Northeast Cutoff, Box 15036 www.allegromicro.com Allegro MicroSystems, Inc. Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity ATS651LSH Reference Gear Magnetic Profile Two Tooth-to-Valley Transitions -700 -600 -500 -400 -300 -200 -100 0 100 200 300 400 500 600 700 0123456789 10 11 12 Gear Rotation (°) 0.50 mm AG 2.00 mm AG 0.50 0.75 1.00 1.25 1.50 1.75 2.00 AG (mm) Reference Gear Magnetic Gradient Amplitude with Reference to Air Gap 0 200 400 600 800 1000 1200 1400 1600 1800 AG (mm) 0.5 1 1.5 2 2.5 Reference Target 60-0 of Sensor Branded Face REFERENCE TARGET CHARACTERISTICS 60-0 (60 Tooth Target) Characteristics Symbol Test Conditions Typ. Units Symbol Key Outside Diameter Do Outside diameter of target 120 mm Face Width F Breadth of tooth, with respect to sensor 6mm Circular Tooth Length t Length of tooth, with respect to sensor; measured at Do 3mm Circular Valley Length tv Length of valley, with respect to sensor; measured at Do 3mm Tooth Whole Depth ht 3mm Material Low Carbon Steel – – F Do ht t v Air Gap Branded Face of Sensor Reference Target Parameters |