データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32MP151F データシート(PDF) 33 Page - STMicroelectronics

部品番号 STM32MP151F
部品情報  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F データシート(HTML) 33 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 29Page - STMicroelectronics STM32MP151F Datasheet HTML 30Page - STMicroelectronics STM32MP151F Datasheet HTML 31Page - STMicroelectronics STM32MP151F Datasheet HTML 32Page - STMicroelectronics STM32MP151F Datasheet HTML 33Page - STMicroelectronics STM32MP151F Datasheet HTML 34Page - STMicroelectronics STM32MP151F Datasheet HTML 35Page - STMicroelectronics STM32MP151F Datasheet HTML 36Page - STMicroelectronics STM32MP151F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 253 page
background image
DS12501 Rev 3
33/253
STM32MP151C/F
Functional overview
55
3.14
Bus-interconnect matrix
The devices feature an AXI bus matrix, one main AHB bus matrix and bus bridges that allow
bus masters to be interconnected with bus slaves (see Figure 3, the dots represent the
enabled master/slave connections).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More