データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC151 データシート(PDF) 2 Page - ON Semiconductor

部品番号 74AC151
部品情報  1?뭥f?? Decoder/Demultiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC151 データシート(HTML) 2 Page - ON Semiconductor

  74AC151 Datasheet HTML 1Page - ON Semiconductor 74AC151 Datasheet HTML 2Page - ON Semiconductor 74AC151 Datasheet HTML 3Page - ON Semiconductor 74AC151 Datasheet HTML 4Page - ON Semiconductor 74AC151 Datasheet HTML 5Page - ON Semiconductor 74AC151 Datasheet HTML 6Page - ON Semiconductor 74AC151 Datasheet HTML 7Page - ON Semiconductor 74AC151 Datasheet HTML 8Page - ON Semiconductor 74AC151 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC74AC151, MC74ACT151
http://onsemi.com
2
Figure 2. Logic Symbol
S0
S1
S2
ZZ
EI0 I1 I2 I3 I4 I5 I6 I7
FUNCTIONAL DESCRIPTION
The MC74AC151/74ACT151 is a logic implementation
of a single pole, 8−position switch with the switch position
controlled by the state of three Select inputs, S0, S1, S2. Both
true and complementary outputs are provided. The Enable
input (E) is active LOW. When it is not activated, the
complementary output is HIGH and the true output is LOW
regardless of all other inputs. The logic function provided at
the output is:
Z = E•(I0•S0•S1•S2+I1•S0•S1•S2+
I2•S0•S1•S2+I3•S0•S1•S2+
I4•S0•S1•S2+I5•S0•S1•S2+
I6•S0•S1•S2+I7•S0•S1•S2)
The MC74AC151/74ACT151 provides the ability, in one
package, to select from eight sources of data or control
information. By proper manipulation of the inputs, the
MC74AC151/74ACT151 can provide any logic function of
four variables and its complement.
Z
Z
S2
S1
S0
E
I0
I1
I2
I3
I4
I5
I6
I7
Figure 3. Logic Diagram
NOTE: This diagram is provided only for the
understanding of logic operations and
should not be used to estimate propagation
delays.



Html Pages

1 2 3 4 5 6 7 8 9 10