データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM8207 データシート(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM8207
部品情報  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 データシート(HTML) 21 Page - National Semiconductor (TI)

Back Button LM8207 Datasheet HTML 14Page - National Semiconductor (TI) LM8207 Datasheet HTML 15Page - National Semiconductor (TI) LM8207 Datasheet HTML 16Page - National Semiconductor (TI) LM8207 Datasheet HTML 17Page - National Semiconductor (TI) LM8207 Datasheet HTML 18Page - National Semiconductor (TI) LM8207 Datasheet HTML 19Page - National Semiconductor (TI) LM8207 Datasheet HTML 20Page - National Semiconductor (TI) LM8207 Datasheet HTML 21Page - National Semiconductor (TI) LM8207 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Application Section (Continued)
LAYOUT RECOMMENDATIONS
A proper layout is necessary for optimum performance of the
LM8207. A low impedance and clean ground plane is rec-
ommended. The traces from the V
SS pin to the ground plane
should be as short as possible. Decoupling capacitors
should be placed very close to the V
DD pin. Connections of
these decoupling capacitors to the ground plane should be
very short. An additional decoupling capacitor for OUT_V
REF
is recommended.
Due to the heavy current peaks and short transitions at the
V
COM node, traces from the output of the VCOM buffer should
be low impedance and as short as possible, to minimize both
voltage drops over the trace and unwanted EM distur-
bances.
Bottom View
20137951
FIGURE 14. Layout of LM8207 Evaluation Board (Actual Size)
TOP View
20137952
FIGURE 15. Layout of LM8207 Evaluation Board (Actual Size)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22