| データシートサーチシステム |
|
74ACT153 データシート(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74ACT153 データシート(HTML) 3 Page - ON Semiconductor |
|
3 / 12 page ![]() MC74AC153, MC74ACT153 http://onsemi.com 3 Figure 2. Logic Symbol S0 S1 Ea I0a I1a I2a I3a Za Zb I0b I1b I2b I3b Eb FUNCTIONAL DESCRIPTION The MC74AC153/74ACT153 is a dual 4−input multiplexer. It can select two bits of data from up to four sources under the control of the common Select inputs (S0, S1). The two 4−input multiplexer circuits have individual active−LOW Enables (Ea,Eb) which can be used to strobe the outputs independently. When the Enables (Ea, Eb) are HIGH, the corresponding outputs (Za, Zb) are forced LOW. The MC74AC153/74ACT153 is the logic implementation of a 2−pole, 4−position switch, where the position of the switch is determined by the logic levels supplied to the two Select inputs. The logic equations for the outputs are shown below. Za = Ea•(I0a•S1•S0+I1a•S1•S0+I2a•S1•S0+I3a•S1•S0) Zb = Eb•(I0b•S1•S0+I1b•S1•S0+I2b•S1•S0+I3b•S1•S0) Ea I0a I3a S1 S0 I0b I1b I2b I3b Eb Za Zb Figure 3. Logic Diagram NOTE: This diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. I1a I2a |