| データシートサーチシステム |
|
2299990 データシート(PDF) 4 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
2299990 データシート(HTML) 4 Page - PHOENIX CONTACT |
|
4 / 5 page ![]() FLKM-D 9 SUB/B/ZFKDS Order No.: 2304034 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2304034 PHOENIX CONTACT Deutschland GmbH Page 4 / 5 http://www.phoenixcontact.de Feb 4, 2011 2926412 CABLE-D- 9SUB/M/OE/0,25/ S/4,0M Shielded cable with a 9-pos. D-SUB pin strip and one open end. The individual wires are labeled 1 to 9 and fitted with ferrules. The braided shield is routed to a separate cable end. Cable length: 4 m. 2926425 CABLE-D- 9SUB/M/OE/0,25/ S/6,0M Shielded cable with a 9-pos. D-SUB pin strip and one open end. The individual wires are labeled 1 to 9 and fitted with ferrules. The braided shield is routed to a separate cable end. Cable length: 6 m. General 2900909 CABLE-D- 9SUB-M-OE-0,25- S/... Shielded cable with a 9-pos. D-SUB pin strip and one open end. The individual wires are labeled 1 to 9 and fitted with ferrules. The braided shield is routed to a separate cable end. Cable length: variable. Diagrams/Drawings Circuit diagram |