| データシートサーチシステム |
|
AM6527 データシート(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6527 データシート(HTML) 10 Page - Texas Instruments |
|
10 / 277 page ![]() C E G J L N R U W AA AC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 D F H K M P T V Y AB AD A B AE 26 27 28 AG AF AH 10 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2019, Texas Instruments Incorporated 4 Terminal Configuration and Functions 4.1 Pin Diagram NOTE The terms "ball", "pin", and "terminal" are used interchangeably throughout the document. An attempt is made to use "ball" only when referring to the physical package. Figure 4-1 shows the ball locations for the 784 plastic ball grid array (FCBGA) package that are used in conjunction with Table 4-1 through to locate signal names and ball grid numbers. Figure 4-1. ACD FCBGA-N784 Package (Bottom View) 4.2 Pin Attributes Table 4-1 describes the terminal characteristics and the signals multiplexed on each ball. |