| データシートサーチシステム |
|
CD9014A データシート(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CD9014A データシート(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() TO-92 Transistors on Tape and Ammo Pack TO-92 Plastic Package TO-92 Bulk TO-92 T&A 1K/polybag 2K/ammo box 200 gm/1K pcs 645 gm/2K pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5.0K 2.0K 17" x 15" x 13.5" 17" x 15" x 13.5" 80.0K 32.0K 23 kgs 12.5 kgs PACKAGE Net Weight/Qty Details STANDARD PACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail CUM U LAT IV E P IT CH E RRO R 1.0 m m /20 PITCH TO BE M EASU RED AT B OT TOM O F CLIN CH AT TO P OF BO DY t1 0.3 - 0.6 BOD Y W IDT H B ODY HEIG HT BOD Y T HICKNESS P ITCH OF COM P O NE NT FEED HO LE PIT CH FE E D HO LE CE NTRE TO CO M P ONE NT CE NTRE DISTAN CE BETW EEN O UTE R LEADS CO M P ONE NT A LIGN M EN T TAPE W IDTH HO LD-DO W N TAP E W IDTH HO LE PO S ITIO N HO LD-DO W N TAPE POSIT IO N LE A D W IRE C LINCH HE IG HT CO M P ONE NT HE IGHT LE NG TH O F SNIPPED LEADS FEED HO LE DIAM ET ER TO TA L TAPE THIC KNESS LEAD - TO - LEAD DISTANCE F 1, CLINC H HE IGHT P ULL - O UT F OR CE ITE M A1 A T P Po P2 F h W Wo W1 W2 Ho H1 L Do t F2 H2 (P ) SYM BO L S P EC IFICATIO N 4.0 4.8 3.9 6N MIN. 12.7 12.7 6.35 5.08 0 18 6 9 0.5 16 4 2.54 NO M . 4.8 5.2 4.2 1 23.25 11.0 1.2 3 M AX. ±1 ±0.3 ±0.4 +0.6 -0.2 ±0.5 ±0.2 +0.7 -0.5 ±0.2 ±0.5 ±0.2 +0.4 -0.1 TO L . RE M A RK S NOTES 1. M A X IM U M A L IG N M EN T D E V IAT IO N BE TW E E N LEAD S N O T TO BE G R EATER TH AN 0.2 m m . 2 . M A XIM U M NON -CUM U L AT IV E VA RIAT IO N BE T W EE N TA P E F E ED HO L E S SH AL L N O T EX CE E D 1 m m IN 2 0 P IT C H E S . 3. H O LD DO W N TA P E N O T TO E X C EED BE YO ND TH E E D G E ( S ) O F C A R R IE R TA P E AN D THE R E SH ALL BE NO EX PO SU R E O F AD HE SIV E . 4. N O M O R E TH AN 3 CO N S E C U T IV E M ISS IN G CO M P ON EN TS ARE PE RM IT T E D . 5. A TA P E TR AILE R, H AVIN G AT LE AS T TH RE E FE ED HO LES AR E R E Q U IR ED AF TER THE LAS T CO M P O N EN T. 6. SP LICE S S H A LL NO T IN TER F ER E W ITH T H E SPR O C K E T F EED H O LE S. All dim ensions in m m unless specified otherw ise Amm o Pack Style Ad hesive Tape on To p Sid e FL AT SIDE MECHANICAL DATA T t1 t F1 F2 F P2 Po Do (p ) W2 Wo W1 W H1 A A1 P H0 L Flat S id e o f Tran sistor and Ad hesive Tape Visib le 20 00 pcs./A m mo P ack LA BE L Carrier Strip 8.2" 13" FE ED 1.77 " h h B 3 2 1 D A A SEC AA G D F F 3 2 1 3 2 1 DIM M IN. M AX. A 4.32 5.33 B 4.45 5.20 C 3.18 4.19 D 0.41 0.55 E 0.35 0.50 F5 DEG G 1.14 1.40 H 1.14 1.53 K 12.70 — PIN CONFIGURATION 1. COLLECTOR 2. BASE 3. EM ITTER Continental Device India Limited Data Sheet Page 2 of 3 |