データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD9014E データシート(PDF) 1 Page - Continental Device India Limited

部品番号 CD9014E
部品情報  NPN SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD9014E データシート(HTML) 1 Page - Continental Device India Limited

  CD9014E Datasheet HTML 1Page - Continental Device India Limited CD9014E Datasheet HTML 2Page - Continental Device India Limited CD9014E Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR TRANSISTOR
CD9014
TO-92
CBE
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
50
V
Collector -Base Voltage
VCBO
50
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC
625
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=1mA, IB=0
50
-
-
V
Collector -Base Voltage
VCBO
IC=100uA, IE=0
50
-
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=50V, IE=0
-
-
50
nA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
50
nA
DC Current Gain
hFE
IC=1mA,VCE=5V
60
-
1000
Collector Emitter Saturation Voltage
VCE(Sat)
IC=100mA,IB=5mA
-
-
0.30
V
Emitter Base Saturation Voltage
VBE(Sat)
IC=100mA,IB=5mA
-
-
1.0
V
Dynamic Characteristics
Output Capacitance
Cob
VCB=10V,f=1MHz
-
-
3.50
pF
Transition Frequency
ft
VCE=5V,IC=10mA,
125
-
-
MHz
f=100MHz
Noise Figure
NF
VCE=5V, IC=200uA
-
-
4.0
dB
f=1KHz
hFE CLASSIFICATION
A : 60-150,
B : 100-300,
C : 200-600,
D : 400-1000,
D1 : 400-630,
D2 : 570-840,
D3 : 760-1000,
E : >800
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


同様の部品番号 - CD9014E

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
CD9011 CDIL-CD9011 Datasheet
174Kb / 3P
NPN SILICON PLANAR TRANSISTOR
CD9011 CDIL-CD9011 Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
CD9011D CDIL-CD9011D Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
CD9011E CDIL-CD9011E Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
CD9011F CDIL-CD9011F Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
More results

同様の説明 - CD9014E

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3