| データシートサーチシステム |
|
HT46C62 データシート(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46C62 データシート(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 46 page ![]() Pin Assignment Note: The 52-pin QFP package does not support the charge pump (C type bias) of the LCD. The LCD bias type must select the R type by option. HT46R62/HT46C62 Rev. 1.60 3 July 14, 2005 5 6 5 5 5 4 5 3 5 2 5 1 5 0 4 9 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 H T 4 6 R 6 2 / H T 4 6 C 6 2 5 6 S S O P - A P A 0 / B Z P A 1 / B Z P A 2 P A 3 / P F D P A 4 P A 5 P A 6 P A 7 P B 0 / A N 0 P B 1 / A N 1 P B 2 / A N 2 P B 3 / A N 3 P B 4 / A N 4 P B 5 / A N 5 V S S P D 0 / P W M 0 P D 1 / P W M 1 P D 2 / P W M 2 P D 4 / I N T 0 P D 5 / I N T 1 P D 6 / T M R V L C D V M A X V 1 V 2 C 1 C 2 C O M 0 R E S O S C 1 O S C 2 V D D O S C 3 O S C 4 S E G 0 S E G 1 S E G 2 S E G 3 S E G 4 S E G 5 S E G 6 S E G 7 S E G 8 S E G 9 S E G 1 0 S E G 1 1 S E G 1 2 S E G 1 3 S E G 1 4 S E G 1 5 S E G 1 6 S E G 1 7 S E G 1 8 C O M 3 / S E G 1 9 C O M 2 C O M 1 P A 5 P A 6 P A 7 P B 0 / A N 0 P B 1 / A N 1 P B 2 / A N 2 P B 3 / A N 3 P B 4 / A N 4 P B 5 / A N 5 V S S P D 0 / P W M 0 P D 1 / P W M 1 P D 2 / P W M 2 S E G 3 S E G 4 S E G 5 S E G 6 S E G 7 S E G 8 S E G 9 S E G 1 0 S E G 1 1 S E G 1 2 S E G 1 3 S E G 1 4 S E G 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 3 4 3 5 3 6 3 7 3 8 3 9 4 8 4 9 5 0 5 1 5 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 H T 4 6 R 6 2 / H T 4 6 C 6 2 5 2 Q F P - A 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 |