| データシートサーチシステム |
|
SL3ICS3001 データシート(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS3001 データシート(HTML) 39 Page - NXP Semiconductors |
|
39 / 54 page ![]() SL3ICS3001_072831 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 9 July 2012 072831 39 of 54 NXP Semiconductors SL3ICS3001 UCODE HSL 11.4.6 READ_PORT When receiving the READ_PORT command, a tag which is in any powered state tag compares the sent ID with its UID. In case the ID is equal to the UID, the tag moves to the DATA_EXCHANGE state and reads the 8-bit memory content beginning at the specified port-address and sends back its content in the response. [1] RFU ... default 0 In all other cases the tag will not send any reply. See Section 11.4.13 “Exception handling for fast return link mode” for a special return link behaviour if the 4x STDEL is used. Table 27. READ_PORT Bit8(MSB) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1(LSB) Port0 RFU RFU RFU RFU RFU RFU write_ok DE_SB Port1 RFU RFU RFU RFU RFU RFU RFU RFU ... RFU RFU RFU RFU RFU RFU RFU RFU Command sequence Preamble Start Delimiter Command ID ADDRESS CRC Response sequence in case of matching UID Return Preamble BYTE_DATA CRC |