| データシートサーチシステム |
|
PCA9510ADP データシート(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9510ADP データシート(HTML) 9 Page - NXP Semiconductors |
|
9 / 23 page ![]() PCA9510A_1 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 01 — 8 September 2005 9 of 23 Philips Semiconductors PCA9510A Hot swappable I2C-bus and SMBus bus buffer Remark: The PCA9510A can be used in any combination depending on the number of rise time accelerators that are needed by the system. Normally only one PCA9510A would be required per bus. Fig 7. Hot swapping multiple I/O cards into a backplane using the PCA9510A in a cPCI, VME, and AdvancedTCA system 002aab584 R4 10 k Ω C1 0.01 µF SDAOUT SCLOUT READY VCC GND R5 10 k Ω R6 10 k Ω R3 10 k Ω ENABLE SDAIN SCLIN POWER SUPPLY HOT SWAP CARD1_SDA CARD1_SCL I/O PERIPHERAL CARD 1 BACKPLANE CONNECTOR R8 10 k Ω C3 0.01 µF SDAOUT SCLOUT READY VCC GND R9 10 k Ω R10 10 k Ω R7 10 k Ω ENABLE SDAIN SCLIN POWER SUPPLY HOT SWAP CARD2_SDA CARD2_SCL I/O PERIPHERAL CARD 2 R12 10 k Ω C5 0.01 µF SDAOUT SCLOUT READY VCC GND R13 10 k Ω R14 10 k Ω R11 10 k Ω ENABLE SDAIN SCLIN POWER SUPPLY HOT SWAP CARDN_SDA CARDN_SCL I/O PERIPHERAL CARD N R2 10 k Ω R1 10 k Ω VCC BACKPLANE BD_SEL SDA SCL |