データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSD1818Z データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 SSD1818Z
部品情報  LCD Segment / Common Driver with Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1818Z データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1818Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1818Z Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
SSD1818 Series
Rev 1.2
08/2002
SOLOMON
5
Table 2 - SSD1818 Series Bump Die Pad Coordinates (Bump center)
Pad #
Signal
X-pos
Y-pos
Pad #
Signal
X-pos
Y-pos
Pad #
Signal
X-pos
Y-pos
1
MSTAT
-3873.80
-581.35
51
C3N
-27.48
-581.35
101
T1
3799.95
-581.35
2
M
-3797.50
-581.35
52
C1P
48.83
-581.35
102
T2
3876.25
-581.35
3
CL
-3721.20
-581.35
53
C1P
125.13
-581.35
103
NC
4178.48
-655.03
4
DOF
-3644.90
-581.35
54
C1P
201.43
-581.35
104
ROW31
4178.48
-594.83
5
VSS
-3568.60
-581.35
55
C1N
277.73
-581.35
105
ROW30
4178.48
-534.63
6
CS
-3492.30
-581.35
56
C1N
354.03
-581.35
106
ROW29
4178.48
-474.43
7
CS2
-3416.00
-581.35
57
C1N
430.33
-581.35
107
ROW28
4178.48
-414.23
8
VDD
-3339.70
-581.35
58
VEE
506.63
-581.35
108
ROW27
4178.48
-354.03
9
RES
-3263.40
-581.35
59
C2N
582.93
-581.35
109
ROW26
4178.48
-293.83
10
VEE
-3178.35
-581.35
60
C2N
659.23
-581.35
110
ROW25
4178.48
-233.63
11
VEE
-3102.05
-581.35
61
C2N
735.53
-581.35
111
ROW24
4178.48
-173.43
12
D/
C
-3017.00
-581.35
62
C2P
811.83
-581.35
112
ROW23
4178.48
-113.23
13
VSS
-2940.70
-581.35
63
C2P
888.13
-581.35
113
ROW22
4178.48
-53.03
14
R/
W
-2864.40
-581.35
64
C2P
964.43
-581.35
114
ROW21
4178.48
7.18
15
E/
RD
-2788.10
-581.35
65
C4N
1040.73
-581.35
115
ROW20
4178.48
67.38
16
VDD
-2711.80
-581.35
66
C4N
1117.03
-581.35
116
ROW19
4178.48
127.58
17
D0
-2635.50
-581.35
67
C4N
1193.33
-581.35
117
ROW18
4178.48
187.78
18
D1
-2557.63
-581.35
68
VEE
1269.63
-581.35
118
ROW17
4178.48
247.98
19
D2
-2481.33
-581.35
69
VL2
1345.93
-581.35
119
ROW16
4178.48
308.18
20
D3
-2403.10
-581.35
70
VL2
1422.23
-581.35
120
ROW15
4178.48
368.38
21
D4
-2325.23
-581.35
71
VL2
1498.53
-581.35
121
ROW14
4178.48
428.58
22
D5
-2248.93
-581.35
72
VL3
1574.83
-581.35
122
ROW13
4178.48
488.78
23
D6
-2172.63
-581.35
73
VL3
1651.13
-581.35
123
ROW12
4178.48
548.98
24
D7
-2096.33
-581.35
74
VL3
1727.43
-581.35
124
ROW11
4178.48
609.18
25
VDD
-2020.03
-581.35
75
VEE
1803.73
-581.35
125
NC
4178.48
663.25
26
VDD
-1943.73
-581.35
76
VL4
1880.03
-581.35
126
ROW10
3834.60
587.83
27
VDD
-1867.43
-581.35
77
VL4
1956.33
-581.35
127
ROW9
3774.40
587.83
28
VDD
-1791.13
-581.35
78
VL4
2032.63
-581.35
128
ROW8
3714.20
587.83
29
VDD
-1714.83
-581.35
79
VL5
2108.93
-581.35
129
ROW7
3654.00
587.83
30
VDD
-1638.53
-581.35
80
VL5
2185.23
-581.35
130
ROW6
3593.80
587.83
31
VDD
-1562.23
-581.35
81
VL5
2261.53
-581.35
131
ROW5
3533.60
587.83
32
TEST0
-1485.93
-581.35
82
VL6
2337.83
-581.35
132
ROW4
3473.40
587.83
33
TEST1
-1409.63
-581.35
83
VL6
2414.13
-581.35
133
ROW3
3413.20
587.83
34
VSS
-1333.33
-581.35
84
VL6
2490.60
-581.35
134
ROW2
3353.00
587.83
35
VSS
-1257.03
-581.35
85
T3
2566.73
-581.35
135
ROW1
3292.80
587.83
36
VSS
-1180.73
-581.35
86
VDD
2651.78
-581.35
136
ROW0
3232.60
587.83
37
VSS1
-1095.68
-581.35
87
M/
S
2728.08
-581.35
137
ICONS
3172.40
587.83
38
VSS1
-1019.38
-581.35
88
CLS
2804.38
-581.35
138
SEG0
3112.20
587.83
39
VSS1
-943.08
-581.35
89
VSS
2880.68
-581.35
139
SEG1
3052.00
587.83
40
VSS1
-866.78
-581.35
90
C68/
80
2956.98
-581.35
140
SEG2
2991.80
587.83
41
VSS1
-790.48
-581.35
91
P/
S
3033.28
-581.35
141
SEG3
2931.60
587.83
42
VEE
-714.18
-581.35
92
VDD
3109.58
-581.35
142
SEG4
2871.40
587.83
43
VEE
-637.88
-581.35
93
C0
3185.88
-581.35
143
SEG5
2811.20
587.83
44
VEE
-561.58
-581.35
94
VSS
3262.18
-581.35
144
SEG6
2751.00
587.83
45
VEE
-485.28
-581.35
95
C1
3338.48
-581.35
145
SEG7
2690.80
587.83
46
VEE
-408.98
-581.35
96
VDD
3414.78
-581.35
146
SEG8
2630.60
587.83
47
VEE
-332.68
-581.35
97
IRS
3491.08
-581.35
147
SEG9
2570.40
587.83
48
TEST2
-256.38
-581.35
98
VSS
3567.38
-581.35
148
SEG10
2510.20
587.83
49
C3N
-180.08
-581.35
99
SPI
3643.68
-581.35
149
SEG11
2450.00
587.83
50
C3N
-103.78
-581.35
100
T0
3723.65
-581.35
150
SEG12
2389.80
587.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44