| データシートサーチシステム |
|
845GL データシート(PDF) 28 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
845GL データシート(HTML) 28 Page - Intel Corporation |
|
28 / 193 page ![]() Signal Description 28 Intel® 82845G/82845GL/82845GV GMCH Datasheet 2.3 Hub Interface SCKE_0 Reserved AP13 SDQS_5 Reserved AP29 SDQ_23 SDQ_45 AP14 SDQ_2 SDQ_34 AT3 SDQ_25 SDQ_47 AP16 SDQ_46 SDQ_21 AT30 SMAA_7 SMAA_1 AP17 SDQ_47 SDQ_22 AT31 SDQ_30 SDM_4 AP18 SDQ_49 SDQ_23 AT32 SMAA_6 Reserved AP19 SDQ_53 SDQ_56 AT33 SDQ_1 SDQ_33 AP2 SDQS_6 Reserved AT34 SCMDCLK_3 SMAA_6 AP21 SDQ_55 SDQ_26 AT35 SDQ_33 SDM_3 AP22 SDQ_7 SDQ_35 AT4 SMAA_2 SMAA_8 AP23 SDQ_8 SDQ_36 AT5 SDQ_34 SDQ_48 AP24 SDQ_12 SDQ_37 AT6 SMAB_1 SBA_1 AP25 SDQS_1 Reserved AT7 SDQ_40 SDQ_50 AP26 SDQ_14 SDQ_7 AT8 SBA_1 SMAA_12 AP27 SDQ_10 SDQ_8 AT9 SDM_5 SDQ_52 AP28 Signal Name Type Description HI_[10:0] I/O sts Hub Interface Signals: HI[10:0] are used for the hub Interface. HI_STBS I/O sts Hub Interface Strobe: HI_STBS is one of two differential strobe signals used to transmit or receive packet data over the hub Interface. HI_STBF I/O sts Hub Interface Strobe Complement: HI_STBF is one of two differential strobe signals used to transmit or receive packet data over the hub Interface. Table 2-1. DDR-to-SDR Signal Mapping (Sheet 3 of 3) DDR Ball Name SDR Ball Name Ball # DDR Ball Name SDR Ball Name Ball # |