データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0016 データシート(PDF) 186 Page - STMicroelectronics

部品番号 RM0016
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 データシート(HTML) 186 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 182Page - STMicroelectronics RM0016 Datasheet HTML 183Page - STMicroelectronics RM0016 Datasheet HTML 184Page - STMicroelectronics RM0016 Datasheet HTML 185Page - STMicroelectronics RM0016 Datasheet HTML 186Page - STMicroelectronics RM0016 Datasheet HTML 187Page - STMicroelectronics RM0016 Datasheet HTML 188Page - STMicroelectronics RM0016 Datasheet HTML 189Page - STMicroelectronics RM0016 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 467 page
background image
16-bit advanced control timer (TIM1)
RM0016
186/467
DocID14587 Rev 14
Figure 80 gives an example of counter operation, showing count signal generation and
direction control. It also shows how input jitter is compensated where both edges are
selected. This might occur if the sensor is positioned near one of the switching points. In the
example below, configuration is as follows:
•
CC1S = 01 (TIM1_CCMR1 register, IC1 mapped on TI1)
•
CC2S = 01 (TIM1_CCMR2 register, IC2 mapped on TI2)
•
CC1P = 0 (TIM1_CCER1 register, IC1 non-inverted, IC1=TI1)
•
CC2P = 0 (TIM1_CCER2 register, IC2 non-inverted, IC2=TI2)
•
SMS = 011 (TIM1_SMCR register, both inputs are active on both rising and falling
edges).
•
CEN = 1 (TIM1_CR1 register, counter is enabled)
Figure 80. Example of counter operation in encoder interface mode
Figure 81 gives an example of counter behavior when IC1 polarity is inverted (same
configuration as Figure 80 except that CC1P =1).
Figure 81. Example of encoder interface mode with IC1 polarity inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More