データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0016 データシート(PDF) 42 Page - STMicroelectronics

部品番号 RM0016
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 データシート(HTML) 42 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 38Page - STMicroelectronics RM0016 Datasheet HTML 39Page - STMicroelectronics RM0016 Datasheet HTML 40Page - STMicroelectronics RM0016 Datasheet HTML 41Page - STMicroelectronics RM0016 Datasheet HTML 42Page - STMicroelectronics RM0016 Datasheet HTML 43Page - STMicroelectronics RM0016 Datasheet HTML 44Page - STMicroelectronics RM0016 Datasheet HTML 45Page - STMicroelectronics RM0016 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 467 page
background image
Flash program memory and data EEPROM
RM0016
42/467
DocID14587 Rev 14
Figure 10. UBC area size definition on medium density STM8S
and STM8AF with up to 32 Kbytes of Flash program memory
1. N (number of protected pages) = UBC[7:0] + 2 for UBC[7:0] > 1.
2. UBC[7:0] =0x00 means no user boot code area is defined. Refer to the datasheets for the description of the
UBC option byte.
3. The first 2 pages (1 Kbytes) contain the 128 bytes of interrupt vectors (32 IT vectors).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More