データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0016 データシート(PDF) 373 Page - STMicroelectronics

部品番号 RM0016
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 データシート(HTML) 373 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 369Page - STMicroelectronics RM0016 Datasheet HTML 370Page - STMicroelectronics RM0016 Datasheet HTML 371Page - STMicroelectronics RM0016 Datasheet HTML 372Page - STMicroelectronics RM0016 Datasheet HTML 373Page - STMicroelectronics RM0016 Datasheet HTML 374Page - STMicroelectronics RM0016 Datasheet HTML 375Page - STMicroelectronics RM0016 Datasheet HTML 376Page - STMicroelectronics RM0016 Datasheet HTML 377Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 467 page
background image
DocID14587 Rev 14
373/467
RM0016
Universal asynchronous receiver transmitter (UART)
377
22.7.11
Guard time register (UART_GTR)
Address offset: 0x09 (UART1), 0x0A (UART2 and UART4)
Reset value: 0x00
7
654
3210
GT[7:0]
rw
rw
rw
rw
rw
rw
rw
rw
Bits 7:0 GT[7:0]: Guard time value.
This register gives the Guard time value in terms of number of baud clocks.
This is used in Smartcard mode.The Transmission Complete flag is set after this guard time value.
Note: These bits are not available for UART3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More