データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0016 データシート(PDF) 380 Page - STMicroelectronics

部品番号 RM0016
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 データシート(HTML) 380 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 376Page - STMicroelectronics RM0016 Datasheet HTML 377Page - STMicroelectronics RM0016 Datasheet HTML 378Page - STMicroelectronics RM0016 Datasheet HTML 379Page - STMicroelectronics RM0016 Datasheet HTML 380Page - STMicroelectronics RM0016 Datasheet HTML 381Page - STMicroelectronics RM0016 Datasheet HTML 382Page - STMicroelectronics RM0016 Datasheet HTML 383Page - STMicroelectronics RM0016 Datasheet HTML 384Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 467 page
background image
Controller area network (beCAN)
RM0016
380/467
DocID14587 Rev 14
23.3.3
Tx mailboxes
Three transmit mailboxes are provided to the software for setting up messages. The
Transmission Scheduler decides which mailbox has to be transmitted first.
23.3.4
Acceptance filters
The beCAN provides six scalable/configurable identifier filter banks for selecting the
incoming messages the software needs and discarding the others.
Receive FIFO
The receive FIFO is used by the CAN controller to store the incoming messages. Three
complete messages can be stored in the FIFO. The software always accesses the next
available message at the same address. The FIFO is managed completely by hardware.
Figure 141. beCAN block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More