データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32WB データシート(PDF) 10 Page - STMicroelectronics

部品番号 STM32WB
部品情報  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB データシート(HTML) 10 Page - STMicroelectronics

Back Button STM32WB Datasheet HTML 6Page - STMicroelectronics STM32WB Datasheet HTML 7Page - STMicroelectronics STM32WB Datasheet HTML 8Page - STMicroelectronics STM32WB Datasheet HTML 9Page - STMicroelectronics STM32WB Datasheet HTML 10Page - STMicroelectronics STM32WB Datasheet HTML 11Page - STMicroelectronics STM32WB Datasheet HTML 12Page - STMicroelectronics STM32WB Datasheet HTML 13Page - STMicroelectronics STM32WB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Attacks
Attacks description
STM32WB Countermeasures
Non Invasive
Attacks
• Environment modification
• Temperature
• Voltage
• Clock ….
• Fault injection (glitches….)
• Exploit debug features
• Side channel, power Analysis, …
• Temperature sensor
• Power supply integrity monitor
• Clock security system
• Tamper pads
• Memory ECC, Parity check
• RTC alarm, registers, SRAM mass erase
• JTAG Read out protection
• BOOT from Flash only
Software
Attacks
• Low Authentication / Encryption
• Extract keys
• Exploitation of applicative test features
• Malware / Virus
• Replay, privilege escalation
• Customer Key Storage (CKS)
• RNG, Crypto accelerator, CRC
• Write memory protection
• Read Out memory protection
• Memory Protection Unit (MPU)
• Firmware Upgrade Service (FUS)
• Secure Firmware Update (SFU)
• Proprietary Code Read-Out Protection (PCROP)
• 96-bit ID
IoT protection ready (2/2)
STM32WB counter measure against attacks
10
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23