| データシートサーチシステム |
|
STM32F479 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 2 page ![]() STM32F469/479 World’s first MIPI-DSI MCU High-performance, large memory resources, extended connectivity and advanced graphic capabilities PERFORMANCE CONNECTIVITY AND FEATURES GRAPHIC USER INTERFACE INTEGRATION AND POWER EFFCIENCY Release your creativity and develop smarter applications: • Cortex-M4 running at 180 MHz • ART-Accelerator™ allowing zero wait state execution from internal Flash • FPU and DSP capabilities • 225 DMIPS / 608 CoreMark Develop richer IoT and wearable applications with the STM32F469/479 extended connectivity and features: • Dual Quad-SPI and FMC with SDRAM support • Ethernet MAC, SDMMC and USB FS and HS/FS • Camera Interface • I²S and serial audio interface Differentiate your application with advanced graphic user interfaces: • Chrom-ART Accelerator™ for more animation and graphic effects • Display parallel interface • TFT-LCD controller • MIPI digital signal interface supporting the most modern displays coming with higher pixel density, fewer pins, lower EMI and lower power consumption. Extend battery life and optimize your design: • Up to 2 Mbytes of dual-bank Flash • 384-Kbyte embedded SRAM • Packages as small as 4.89 x 5.69 mm • Down to 140 µA power consumption in Stop mode with full SRAM retained www.st.com/stm32f4 The STM32F469/479 product line delivers the industry’s highest ARM® Cortex®-M4 performance and offers large memory resources with rich connectivity enabling the most advanced consumer, industrial and medical applications. Leveraging ST’s proprietary Chrom-ART Accelerator™ and a smart hardware architecture, the product line brings smartphone- like graphic interfaces to everyday objects enabling more intuitive user interfaces. The STM32F469/479 products offer 384 Kbytes of SRAM along with 512 Kbytes to 2 Mbytes of Flash memory in packages with 168 to 216 pins. |
同様の部品番号 - STM32F479 |
|
同様の説明 - STM32F479 |