| データシートサーチシステム |
|
AT21CS01 データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AT21CS01 データシート(HTML) 3 Page - Microchip Technology |
|
3 / 47 page ![]() System Configuration Using Single-Wire Serial EEPROMs Bus Master: Microcontroller Slave 0 AT21CSXX GND VCC GND SI/O RPUP (See Sections 1.3 and 1.4 for requirements.) VPUP SI/O Slave 1 AT21CSXX GND SI/O Slave 7 AT21CSXX GND SI/O Block Diagram 1 page Internal Timing Generation GND Memory System Control Module High Voltage Generation Circuit Data & ACK Input/Output Control Command Control Reset Detection D OUT D IN Device Configuration Latches SI/O Device Power Extraction EEPROM Array Column Decoder Data Register AT21CS01/AT21CS11 © 2017 Microchip Technology Inc. Datasheet DS20005857A-page 3 |