データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT21CS11 データシート(PDF) 31 Page - Microchip Technology

部品番号 AT21CS11
部品情報  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 データシート(HTML) 31 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 27Page - Microchip Technology AT21CS11 Datasheet HTML 28Page - Microchip Technology AT21CS11 Datasheet HTML 29Page - Microchip Technology AT21CS11 Datasheet HTML 30Page - Microchip Technology AT21CS11 Datasheet HTML 31Page - Microchip Technology AT21CS11 Datasheet HTML 32Page - Microchip Technology AT21CS11 Datasheet HTML 33Page - Microchip Technology AT21CS11 Datasheet HTML 34Page - Microchip Technology AT21CS11 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
The Manufacturer Identifier portion of the ID is returned in the 12 Most Significant bits of the three bytes
read out. The value reserved for Microchip is 0000-0000-1101b (00Dh). Therefore, the first byte read
out by the device will be 00h. The upper nibble of the second byte read out is Dh.
The Least Significant 12 bits of the 24-bit ID is comprised of a Microchip defined value that indicates the
device density and revision. Bits D11 through D3 indicate the device code and bits D2 through D0
indicate the device revision. The output is shown more specifically in Table 7-2.
The overall 24-bit value returned by the AT21CS01 is 00D200h. The overall 24
‑bit value returned by the
AT21CS11 is 00D380h.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47