| データシートサーチシステム |
|
L9911 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9911 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() 11/15 L9911 Figure 13. Soft Start/attack Characteristics Table 10. Fault Detection The diagnostic result is disabled during the Soft-start delay time t_ST 0...3 and the soft-start / soft attack timing t_SL 0...3 Figure 14. DFMonitor Electrical configuration Root Cause Signal Effect Test detect Alternator belt breaking P Alternator disexcitation VP<VPHH1 & VB+<Vreg Brushes open P Alternator disexcitation VP<VPHH1 & VB+<Vreg Field Driver Open P Alternator disexcitation VP<VPHH1 & VB+<Vreg Field interruption P Alternator disexcitation VP<VPHH1 & VB+<Vreg Field short circuit to the battery F+ Overvoltage VF+>VS1 & VB+ > Vov-d Field short circuit to the ground P Alternator disexcitation VP<VPHH1 & VB+<Vreg Battery discharge B+ Undervoltage VB+<Vuv Engine Ign. Switch W/Lamp Ifield F+/DFM off on off on off on t_SL t_ST Field Pre- excitation Field Regulation Load ON L9911 Control Circuit Field driver DFMon driver to the ECU R Valim Test circuit Field Alternator Regulator assy B+ F+ DFM |